PART |
Description |
Maker |
TMC-6XX-1-G |
SCREW MACHONE TERMINAL
|
Adam Technologies, Inc.
|
ICM-3XX-SMT-GT |
SCREW MACHONE IC SOCKET SCREW MACHONE IC SOCKET
|
Adam Technologies, Inc.
|
6049 |
IEC Appliance Inlet C14, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect or Screw-on Terminal
|
Schurter Inc.
|
6048-H-ABC0-D-E |
IEC Appliance Inlet C14, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect or Screw-on Terminal
|
Schurter Inc.
|
CGO502M055L CGO273M020L CGO273M7R5L CGO103M016L CG |
Ultra Low ESR Screw Terminal Aluminum Electrolytic Extremely Low ESR, Low Voltage, Screw Terminal Capacitors
|
Cornell Dubilier Electronics
|
0167-H-ABC0-D-E 0167-X-88A0-A-6 0167-X-AA80-C-6 01 |
10A/15A, 250VAC, MALE, MAINS POWER CONNECTOR, SOLDER IEC Appliance Inlet C16, Screw-on Mounting, Front Side, Quick-connect or Screw-on Terminal
|
Schurter Inc.
|
25.352.4353.0 25.350.4153.0 99.213.9996.2 25.352.3 |
Terminal Block; Mounting Type:PC Board; Terminal Block Clamp Type:Screw Clamp 12 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Strip; No. of Positions:5; Pitch Spacing:0.2"; Mounting Type:PC Board; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes PCB PIN STRIP 8213 S / 12 W OB GR OF RoHS Compliant: Yes
|
Wieland Electric, Inc. WIELAND ELECTRIC INC
|
0391000807 391000807 |
8.00mm (.315) Pitch Beau Eurostyle Two-Screw Terminal Strips, 7 Circuits 8.00mm (.315") Pitch Beau垄芒 Eurostyle垄芒 Two-Screw Terminal Strips, 7 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
CZRB3030 CZRB3027 CZRB3075 CZRB3019 CZRB3018 CZRB3 |
Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode Terminal Block; Wire Size (AWG):22-12; Mounting Type:DIN Rail; Color:Green/Yellow; Terminal Block Clamp Type:Screw Clamp Terminal Block; Wire Size (AWG):22-12; Mounting Type:DIN Rail; Color:Beige; Terminal Block Clamp Type:Screw Clamp Surface Mount Zener Diode
|
Comchip Technology Co., Ltd. COMCHIP[Comchip Technology]
|
0387201405 72105-50 |
9.53mm (.375) Pitch Beau?/a> PCB Terminal Strip, Screw Terminal, with Clamp Washer Screws, 5 Circuits 9.53mm (.375) Pitch Beau PCB Terminal Strip, Screw Terminal, with Clamp Washer Screws, 5 Circuits
|
Molex Electronics Ltd.
|